PART |
Description |
Maker |
NP2600SA1 NP2600SC1T3G NP2600SB1T3G NP2600SA1T3G |
BIDIRECTIONAL TSPD 50, 80, AND 100 AMP SURGE 260 VOLTS HIGH HOLD CURRENT 270 mA MIN
|
ON Semiconductor
|
QXX10L4 QXX10L5 QXX10LH5 Q4010N5RP |
10 Amp bi-directional solid state switch series is designed for AC switching 10 Amp Standard & Alternistor (High Communitation) Triacs
|
Littelfuse
|
ISL34341INZ-T13 |
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel; Temperature Range: -40°C to 85°C; Package: 64-EPTQFP T&R SPECIALTY INTERFACE CIRCUIT, PQFP64 WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel; Temperature Range: -40°C to 85°C; Package: 64-EPTQFP SPECIALTY INTERFACE CIRCUIT, PQFP64
|
Intersil, Corp.
|
XC3020L-8PC84C XC3000A/L XC3100A XC3090A-7PQ160C X |
Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) XTAL MTL T/H HC49/US Field Programmable Gate Arrays (XC3000A/L/ XC3100A/L) ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles ECONOLINE: RSZ/P - 1kVDC Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 320 CLBS, 5000 GATES, 370 MHz, CPGA175 KPT02A22-55SY FPGA, 144 CLBS, 2000 GATES, 135 MHz, CPGA84 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 100 CLBS, 1500 GATES, 323 MHz, PQCC44 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 100 CLBS, 1500 GATES, 323 MHz, PQCC68 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 224 CLBS, 4000 GATES, 80 MHz, PQCC84 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 144 CLBS, 2000 GATES, 113 MHz, CPGA84 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 100 CLBS, 1500 GATES, 80 MHz, PQCC84 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 100 CLBS, 1500 GATES, 323 MHz, PQFP64 CAPACITOR 2200UF 100V ELECT TSUP FPGA, 100 CLBS, 1500 GATES, 270 MHz, PQCC44 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 320 CLBS, 5000 GATES, 270 MHz, PQCC84 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 144 CLBS, 2000 GATES, 113 MHz, PQFP100 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) 现场可编程门阵列XC3000A / L时,XC3100A /升) Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 100 CLBS, 1500 GATES, 370 MHz, PQCC44 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 100 CLBS, 1500 GATES, 370 MHz, PQCC84 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 144 CLBS, 2000 GATES, 270 MHz, PQFP144 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 144 CLBS, 2000 GATES, 270 MHz, PQFP100 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 100 CLBS, 1500 GATES, 270 MHz, PQCC84 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 320 CLBS, 5000 GATES, 370 MHz, PPGA175 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) 现场可编程门阵列(XC3000A / L时,XC3100A /升) RELAY, SOLID STATE DUAL 40A 240VAC FPGA, 100 CLBS, 1500 GATES, 323 MHz, PQFP100 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 64 CLBS, 1000 GATES, 323 MHz, PQCC68 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 320 CLBS, 5000 GATES, 135 MHz, PPGA175 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 320 CLBS, 5000 GATES, 323 MHz, PQFP208 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 224 CLBS, 3500 GATES, 323 MHz, PQCC84 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 144 CLBS, 2000 GATES, 323 MHz, PQFP100 Field Programmable Gate Array (FPGA) FPGA, 224 CLBS, 4000 GATES, 113 MHz, PQFP160 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 100 CLBS, 1500 GATES, 227 MHz, PQCC84 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 100 CLBS, 1500 GATES, 227 MHz, PQCC44 Field Programmable Gate Arrays (XC3000A/L, XC3100A/L) FPGA, 224 CLBS, 3500 GATES, 227 MHz, PQCC84 Complete line of four related Field Programmable Gate
|
http:// Xilinx, Inc. Integrated Device Technology, Inc. XILINX INC
|
PJB400 |
Precision, 100µA Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 黄GLOSS的涂
|
ON Semiconductor
|
1812LS-333XKBC 1812LS-104XKBC 1812LS-104XKBB |
OBSOLETE when inventory is depleted. 10% tolerance no longer offered. Change 'K' to 'J' for 5% tolerance. 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
COILCRAFT INC
|
AD8005 AD8005AN AD8005AR AD8005AR-REEL AD8005AR-RE |
270 MHz, 400 mA Current Feedback Amplifier 270 MHz/ 400 uA Current Feedback Amplifier 270 MHz, 400 uA Current Feedback Amplifier Ultralow Power, 170 MHz and Slew Rate of 280 V/µs
|
Analog Devices, Inc. AD[Analog Devices]
|
PE7213-20 |
20 dB Fixed Attenuator, N Male To N Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7209-60 |
60 dB Fixed Attenuator, SMA Female To N Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7205-60 |
60 dB Fixed Attenuator, N Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7209-6 |
6 dB Fixed Attenuator, SMA Female To N Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
|